Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 396 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 396 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 392Page - Renesas Technology Corp H8/3021 Datasheet HTML 393Page - Renesas Technology Corp H8/3021 Datasheet HTML 394Page - Renesas Technology Corp H8/3021 Datasheet HTML 395Page - Renesas Technology Corp H8/3021 Datasheet HTML 396Page - Renesas Technology Corp H8/3021 Datasheet HTML 397Page - Renesas Technology Corp H8/3021 Datasheet HTML 398Page - Renesas Technology Corp H8/3021 Datasheet HTML 399Page - Renesas Technology Corp H8/3021 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 372 of 684
REJ09B0352-0200
Communication Formats: Four formats are available. Parity-bit settings are ignored when a
multiprocessor format is selected. For details see table 11.11.
Clock: See section 11.3.2, Operation in Asynchronous Mode, Clock.
Transmitting
processor
Receiving
processor A
Serial communication line
Receiving
processor B
Receiving
processor C
Receiving
processor D
(ID = 01)
(ID = 02)
(ID = 03)
(ID = 04)
Serial data
H'01
H'AA
(MPB = 1)
(MPB = 0)
ID-sending cycle: receiving
processor address
Data-sending cycle:
data sent to receiving
processor specified by ID
Legend
MPB: Multiprocessor bit
Figure 11.9 Example of Communication among Processors using Multiprocessor Format
(Sending Data H'AA to Receiving Processor A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More