| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 387 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 387 Page - Renesas Technology Corp |
|
387 / 712 page ![]() 11. Serial Communication Interface Rev.2.00 Mar. 22, 2007 Page 363 of 684 REJ09B0352-0200 Communication Formats: Table 11.10 shows the 12 communication formats that can be selected in asynchronous mode. The format is selected by settings in SMR. Table 11.10 Serial Communication Formats (Asynchronous Mode) 1234567 8 910 11 12 8-bit data STOP 8-bit data 8-bit data 8-bit data 7-bit data 7-bit data 7-bit data 7-bit data 8 bit data 8 bit data 7-bit data 7-bit data S S S S S S S S S S S S STOP STOP P STOP P STOP STOP STOP STOP STOP STOP STOP STOP P P MPB STOP STOP STOP MPB MPB MPB STOP STOP Legend S: STOP: P: MPB: Start bit Stop bit Parity bit Multiprocessor bit CHR PE MP STOP SMR Settings 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 — — — — 0 0 0 0 0 0 0 0 1 1 1 1 0 1 0 1 0 1 0 1 0 1 0 1 Serial Communication Format and Frame Length STOP |