| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 379 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 379 Page - Renesas Technology Corp |
|
379 / 712 page ![]() 11. Serial Communication Interface Rev.2.00 Mar. 22, 2007 Page 355 of 684 REJ09B0352-0200 (For the clock sources and values of n, see the following table.) Note: Settings with an error of 1 % or less are recommended. SMR Settings n Clock Source CKS1 CKS0 0 φ 0 0 1 φ/4 0 1 2 φ/16 1 0 3 φ/64 1 1 The bit rate error in asynchronous mode is calculated as follows. φ × 106 Error ( %) ={ (N + 1) × B × 64 × 22n-1 –1} × 100 |