Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3022 Fiches technique(PDF) 103 Page - Renesas Technology Corp

No de pièce H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Fiches technique(HTML) 103 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 99Page - Renesas Technology Corp H8/3022 Datasheet HTML 100Page - Renesas Technology Corp H8/3022 Datasheet HTML 101Page - Renesas Technology Corp H8/3022 Datasheet HTML 102Page - Renesas Technology Corp H8/3022 Datasheet HTML 103Page - Renesas Technology Corp H8/3022 Datasheet HTML 104Page - Renesas Technology Corp H8/3022 Datasheet HTML 105Page - Renesas Technology Corp H8/3022 Datasheet HTML 106Page - Renesas Technology Corp H8/3022 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 79 of 684
REJ09B0352-0200
Section 5 Interrupt Controller
5.1
Overview
5.1.1
Features
The interrupt controller has the following features:
• Interrupt priority registers (IPRs) for setting interrupt priorities
Interrupts other than NMI can be assigned to two priority levels on a module-by-module basis
in interrupt priority registers A and B (IPRA and IPRB).
• Three-level masking by the I and UI bits in the CPU condition code register (CCR)
• Independent vector addresses
All interrupts are independently vectored; the interrupt service routine does not have to
identify the interrupt source.
• Five external interrupt pins
NMI has the highest priority and is always accepted; either the rising or falling edge can be
selected. For each of IRQ
0 , IRQ1, IRQ4, and IRQ5, sensing of the falling edge or level sensing
can be selected independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com