Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3022 Fiches technique(PDF) 56 Page - Renesas Technology Corp

No de pièce H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Fiches technique(HTML) 56 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 52Page - Renesas Technology Corp H8/3022 Datasheet HTML 53Page - Renesas Technology Corp H8/3022 Datasheet HTML 54Page - Renesas Technology Corp H8/3022 Datasheet HTML 55Page - Renesas Technology Corp H8/3022 Datasheet HTML 56Page - Renesas Technology Corp H8/3022 Datasheet HTML 57Page - Renesas Technology Corp H8/3022 Datasheet HTML 58Page - Renesas Technology Corp H8/3022 Datasheet HTML 59Page - Renesas Technology Corp H8/3022 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 712 page
background image
2. CPU
Rev.2.00 Mar. 22, 2007 Page 32 of 684
REJ09B0352-0200
Instruction
Size*
Function
DIVXU
B/W
Rd ÷ Rs
→ Rd
Performs unsigned division on data in two general registers: either 16
bits ÷ 8 bits
→ 8-bit quotient and 8-bit remainder or 32 bits ÷ 16 bits →
16-bit quotient and 16-bit remainder.
DIVXS
B/W
Rd ÷ Rs
→ Rd
Performs signed division on data in two general registers: either 16
bits ÷ 8 bits
→ 8-bit quotient and 8-bit remainder, or 32 bits ÷ 16 bits
→ 16-bit quotient and 16-bit remainder.
CMP
B/W/L
Rd – Rs, Rd – #IMM
Compares data in a general register with data in another general
register or with immediate data, and sets CCR according to the result.
NEG
B/W/L
0 – Rd
→ Rd
Takes the two’s complement (arithmetic complement) of data in a
general register.
EXTS
W/L
Rd (sign extension)
→ Rd
Extends byte data in the lower 8 bits of a 16-bit register to word data,
or extends word data in the lower 16 bits of a 32-bit register to
longword data, by extending the sign bit.
EXTU
W/L
Rd (zero extension)
→ Rd
Extends byte data in the lower 8 bits of a 16-bit register to word data,
or extends word data in the lower 16 bits of a 32-bit register to
longword data, by padding with zeros.
Note:
*
Size refers to the operand size.
B: Byte
W: Word
L: Longword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com