Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3022 Fiches technique(PDF) 68 Page - Renesas Technology Corp

No de pièce H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Fiches technique(HTML) 68 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 64Page - Renesas Technology Corp H8/3022 Datasheet HTML 65Page - Renesas Technology Corp H8/3022 Datasheet HTML 66Page - Renesas Technology Corp H8/3022 Datasheet HTML 67Page - Renesas Technology Corp H8/3022 Datasheet HTML 68Page - Renesas Technology Corp H8/3022 Datasheet HTML 69Page - Renesas Technology Corp H8/3022 Datasheet HTML 70Page - Renesas Technology Corp H8/3022 Datasheet HTML 71Page - Renesas Technology Corp H8/3022 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 712 page
background image
2. CPU
Rev.2.00 Mar. 22, 2007 Page 44 of 684
REJ09B0352-0200
Specified by @aa:8
Reserved
Branch address
Figure 2.10 Memory-Indirect Branch Address Specification
When a word-size or longword-size memory operand is specified, or when a branch address is
specified, if the specified memory address is odd, the least significant bit is regarded as 0. The
accessed data or instruction code therefore begins at the preceding address. See section 2.5.2,
Memory Data Formats.
2.7.2
Effective Address Calculation
Table 2.13 explains how an effective address is calculated in each addressing mode. In the
1-Mbyte operating modes the upper 4 bits of the calculated address are ignored in order to
generate a 20-bit effective address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More