Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663R Fiches technique(PDF) 105 Page - Renesas Technology Corp

No de pièce H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Fiches technique(HTML) 105 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 101Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 102Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 103Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 104Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 105Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 106Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 107Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 108Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 73 of 1468
REJ09B0412-0200
2.8.11
Extended Memory Indirect—@@vec:7
This mode can be used by the JMP and JSR instructions. The operand value is a branch address,
which is the contents of a memory location pointed to by the following operation result: the sum
of 7-bit data in the instruction code and the value of H'80 is multiplied by 2 or 4.
The address range to store a branch address is H'0100 to H'01FF in normal mode and H'000200 to
H'0003FF in other modes. In assembler notation, an address to store a branch address is specified.
In normal mode, the memory location is pointed to by word-size data and the branch address is 16
bits long. In other modes, the memory location is pointed to by longword-size data. In middle or
advanced mode, the first byte of the longword-size data is assumed to be all 0 (H'00).
2.8.12
Effective Address Calculation
Tables 2.14 and 2.15 show how effective addresses are calculated in each addressing mode. The
lower bits of the effective address are valid and the upper bits are ignored (zero extended or sign
extended) according to the CPU operating mode.
The valid bits in middle mode are as follows:
• The lower 16 bits of the effective address are valid and the upper 16 bits are sign-extended for
the transfer and operation instructions.
• The lower 24 bits of the effective address are valid and the upper eight bits are zero-extended
for the branch instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More