Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663R Fiches technique(PDF) 86 Page - Renesas Technology Corp

No de pièce H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Fiches technique(HTML) 86 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 82Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 83Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 84Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 85Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 86Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 87Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 88Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 89Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 54 of 1468
REJ09B0412-0200
Addressing Mode
Classifi-
cation
Instruction
Size
#xx
Rn
@ERn @(d,ERn)
@(d,
RnL.B/
Rn.W/
ERn.L)
@
−ERn/
@ERn
+/
@ERn
−/
@
+ERn @aa:8
@aa:16/
@aa:32
—
BFLD
B
D
S
S
S
Bit
manipu-
lation
BFST
B
S
D
D
D
BRA/BS, BRA/BC*
8
B
S
S
S
Branch
BSR/BS, BSR/BC*
8
B
S
S
S
LDC
(CCR, EXR)
B/W*
9
S
S
S
S
S*
10
S
LDC
(VBR, SBR)
L
S
STC
(CCR, EXR)
B/W*
9
D
D
D
D*
11
D
STC
(VBR, SBR)
L
D
ANDC, ORC,
XORC
B
S
SLEEP
—
O
System
control
NOP
—
O
[Legend]
d:
d:16 or d:32
S:
Can be specified as a source operand.
D:
Can be specified as a destination operand.
SD:
Can be specified as either a source or destination operand or both.
S/D:
Can be specified as either a source or destination operand.
S:4:
4-bit immediate data can be specified as a source operand.
Notes: 1. Only @aa:16 is available.
2. @ERn
+ as a source operand and @−ERn as a destination operand
3. Specified by ER5 as a source address and ER6 as a destination address for data
transfer.
4. Size of data to be added with a displacement
5. Only @ERn
− is available
6. When the number of bits to be shifted is 1, 2, 4, 8, or 16
7. When the number of bits to be shifted is specified by 5-bit immediate data or a general
register
8. Size of data to specify a branch condition
9. Byte when immediate or register direct, otherwise, word
10. Only @ERn
+ is available
11. Only @
−ERn is available
12. Only when the multiplier is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More