Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663R Fiches technique(PDF) 103 Page - Renesas Technology Corp

No de pièce H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Fiches technique(HTML) 103 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 99Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 100Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 101Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 102Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 103Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 104Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 105Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 106Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 71 of 1468
REJ09B0412-0200
2.8.7
Immediate—#xx
The operand value is 8-bit (#xx:8), 16-bit (#xx:16), or 32-bit (#xx:32) data included in the
instruction code.
This addressing mode has short formats in which 3- or 4-bit immediate data can be used.
When the size of immediate data is less than that of the destination operand value (byte, word, or
longword) the immediate data is zero-extended.
The ADDS, SUBS, INC, and DEC instructions contain immediate data implicitly. Some bit
manipulation instructions contain 3-bit immediate data in the instruction code, for specifying a bit
number. The BFLD and BFST instructions contain 8-bit immediate data in the instruction code,
for specifying a bit field. The TRAPA instruction contains 2-bit immediate data in the instruction
code, for specifying a vector address.
2.8.8
Program-Counter Relative—@(d:8, PC) or @(d:16, PC)
This mode is used in the Bcc and BSR instructions. The operand value is a 32-bit branch address,
which is the sum of an 8- or 16-bit displacement in the instruction code and the 32-bit address of
the PC contents. The 8-bit or 16-bit displacement is sign-extended to 32 bits when added to the PC
contents. The PC contents to which the displacement is added is the address of the first byte of the
next instruction, so the possible branching range is
−126 to +128 bytes (−63 to +64 words) or
−32766 to +32768 bytes (−16383 to +16384 words) from the branch instruction. The resulting
value should be an even number. In advanced mode, only the lower 24 bits of this branch address
are valid; the upper 8 bits are all assumed to be 0 (H'00).
2.8.9
Program-Counter Relative with Index Register—@(RnL.B, PC), @(Rn.W, PC),
or @(ERn.L, PC)
This mode is used in the Bcc and BSR instructions. The operand value is a 32-bit branch address,
which is the sum of the following operation result and the 32-bit address of the PC contents: the
contents of an address register specified by the register field in the instruction code (RnL, Rn, or
ERn) is zero-extended and multiplied by 2. The PC contents to which the displacement is added is
the address of the first byte of the next instruction. In advanced mode, only the lower 24 bits of
this branch address are valid; the upper 8 bits are all assumed to be 0 (H'00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More