Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663R Fiches technique(PDF) 502 Page - Renesas Technology Corp

No de pièce H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Fiches technique(HTML) 502 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 498Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 499Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 500Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 501Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 502Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 503Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 504Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 505Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 470 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
13
12
MDS1
MDS0
0
0
R/W
R/W
Transfer Mode Select 1 and 0
Selects the transfer mode.
00: Normal transfer mode
01: Block transfer mode
10: Repeat transfer mode
11: Cluster transfer mode
11
TSEIE
0
R/W
Transfer Size Error Interrupt Enable
Enables or disables a transfer size error interrupt
request.
When this bit is set to 1 and the transfer counter value
becomes smaller than the data access size for one
transfer request by EXDMAC transfer, the DTE bit is
cleared to 0 by the next transfer request. At the same
time, the ESIF bit is set to 1 to indicate that a transfer
size error interrupt request is generated.
When cluster transfer read/write address mode is
specified, this bit should be set to 1.
Transfer size error interrupt request occurs in the
following conditions:
• In normal transfer and repeat transfer modes, the
total transfer size set in EDTCR is smaller than the
data access size
• In block transfer mode, the total transfer size set in
EDTCR is smaller than the block size
• In cluster transfer mode, the total transfer size set in
EDTCR is smaller than the cluster size
0: Transfer size error interrupt request disabled
1: Transfer size error interrupt request enabled
10
0
R
Reserved
They are always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More