| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663R Fiches technique(PDF) 500 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R Fiches technique(HTML) 500 Page - Renesas Technology Corp |
|
500 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 468 of 1468 REJ09B0412-0200 Bit Bit Name Initial value R/W Description 23 ACT 0 R Active State Indicates the operation state of the corresponding channel. 0: Transfer request wait state or transfer disabled state (DTE = 0) 1: Active state 22 to 20 All 0 R Reserved They are always read as 0 and cannot be modified. 19 ERRF 0 R/(W)* System Error Flag Flag that indicates the occurrence of an address error or NMI interrupt. This bit is only enabled in EDMDR_0. When this bit is set to 1, write to the DTE bit for all channels is disabled. This bit is reserved in EDMDR_1 to EDMDR_3. They are always read as 0 and cannot be modified. 0: Address error or NMI interrupt is not generated 1: Address error or NMI interrupt is generated [Clearing condition] • Writing 0 to ERRF after reading ERRF = 1 [Setting condition] • When an address error or NMI interrupt occurred However, when an address error or an NMI interrupt has been generated in EXDMAC module stop mode, this bit is not set to 1. 18 0 R Reserved They are always read as 0 and cannot be modified. |