Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 830 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 830 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 826Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 827Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 828Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 829Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 830Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 831Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 832Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 833Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1075 page
background image
Section 25 Electrical Characteristics
Rev. 3.00 Jan 18, 2006 page 802 of 1044
REJ09B0280-0300
25.4
A/D Conversion Characteristics
Tables 25.12 and 25.13 list the A/D conversion characteristics.
Table 25.12 A/D Conversion Characteristics (AN7 to AN0 Input: 134/266-State Conversion)
Condition:
V
CC = 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, AVref = 2.7 V to AVCC,
V
CCB = 2.7 V to 5.5 V, VSS = AVSS = 0 V,
φ = 2 MHz to maximum operating frequency, T
a = –20 to +75°C
Condition
10 MHz
Item
Min
Typ
Max
Unit
Resolution
10
10
10
Bits
Conversion time
——
13.4
µs
Analog input capacitance
——
20
pF
Permissible signal-source impedance
——
5k
Ω
Nonlinearity error
——
±7.0
LSB
Offset error
——
±7.5
LSB
Full-scale error
——
±7.5
LSB
Quantization error
——
±0.5
LSB
Absolute accuracy
——
±8.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More