Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 834 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 834 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 830Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 831Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 832Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 833Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 834Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 835Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 836Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 837Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 838Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 834 / 1075 page
background image
Section 25 Electrical Characteristics
Rev. 3.00 Jan 18, 2006 page 806 of 1044
REJ09B0280-0300
3. Block erase time (Shows the total period for which the E-bit in FLMCR1 is set. It does
not include the erase verification time.)
4. Maximum programming time (tP (max))
tP (max) = (wait time after P-bit setting (z1) + (z3))
× 6
+ wait time after P-bit setting (z2)
× ((N) – 6)
5. The maximun number of writes (N) should be set according to the actual set value of
z1, z2 and z3 to allow programming within the maximum programming time (tP (max)).
The wait time after P-bit setting (z1,z2, and z3) should be alternated according to the
number of writes (n) as follows:
1
≤ n≤ 6
z1 = 30µs, z3 = 10µs
7
≤ n ≤ 1000
z2 = 200µs
6. Maximum erase time (tE (max))
tE (max) = Wait time after E-bit setting (z)
× maximum erase count (N)
7. The maximum number of erases (N) should be set according to the actual set value of z
to allow erasing within the maximum erase time (tE (max)).
8. Minimum number of times for which all characteristics are guaranteed after rewriting
(Guarantee range is 1 to minimum value).
9. Reference value for 25
°C (as a guideline, rewriting should normally function up to this
value).
10. Data retention characteristic when rewriting is performed within the specification range,
including the minimum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More