Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 827 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 827 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 823Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 824Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 825Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 826Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 827Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 828Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 829Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 830Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1075 page
background image
Section 25 Electrical Characteristics
Rev. 3.00 Jan 18, 2006 page 799 of 1044
REJ09B0280-0300
Table 25.10 I
2C Bus Timing
Conditions: V
CC = 2.7 V to 3.6 V, VSS = 0 V, φ = 5 MHz to maximum operating frequency,
T
a = –20 to +75°C
Ratings
Item
Symbol
Min
Typ
Max
Unit
Notes
SCL input cycle time
t
SCL
12
——
t
cyc
Figure 25.27
SCL input high pulse width
t
SCLH
3
——
t
cyc
SCL input low pulse width
t
SCLL
5
——
t
cyc
SCL, SDA input rise time
t
Sr
——
7.5*
t
cyc
SCL, SDA input fall time
t
Sf
——
300
ns
SCL, SDA input spike pulse
elimination time
t
SP
——
1t
cyc
SDA input bus free time
t
BUF
5
——
t
cyc
Start condition input hold time
t
STAH
3
——
t
cyc
Retransmission start condition input
setup time
t
STAS
3
——
t
cyc
Stop condition input setup time
t
STOS
3
——
t
cyc
Data input setup time
t
SDAS
0.5
——
t
cyc
Data input hold time
t
SDAH
0
——
ns
SCL, SDA capacitive load
C
b
——
400
pF
Note:
*
17.5t
cyc can be set according to the clock selected for use by the I
2C module. For details,
see section 16.4, Usage Notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More