| Moteur de recherche de fiches techniques de composants électroniques |
|
M32C/8A Fiches technique(PDF) 193 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Fiches technique(HTML) 193 Page - Renesas Technology Corp |
|
193 / 372 page ![]() M32C/8A Group 15. Timers (Timer B) Rev.1.00 Jul 15, 2007 Page 176 of 352 REJ09B0385-0100 Figure 15.29 Operation in Pulse Period Measurement Mode (Timer B) FFFFh n TBiS bit in the TABSR register or TBSR register Contents of the counter (n = contents of the reload register) 0000h IR bit in the TBiIC register 0 1 Pulse input to TBiIN pin(2) i = 0 to 5 NOTES: 1. Counter is reset due to the completion of the measurement. 2. If an overflow and a valid edge input occur simultaneously, an interrupt request is generated only once, which results in the valid edge not being recognized. Do not let an overflow occur. 0 1 “L” “H” Set to 0 by an interrupt request acknowledgement or by program 1st valid edge 2nd valid edge (note 1) Transfer timing from counter to reload register TBi register Transfer (undefined value) Transfer (measured value n) Undefined value n |