| Moteur de recherche de fiches techniques de composants électroniques |
|
M32C/8A Fiches technique(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Fiches technique(HTML) 62 Page - Renesas Technology Corp |
|
62 / 372 page ![]() M32C/8A Group 7. Processor Mode Rev.1.00 Jul 15, 2007 Page 45 of 352 REJ09B0385-0100 7. Processor Mode 7.1 Processor Mode Microprocessor mode can be selected as the processor mode. Table 7.1 lists the features of the processor mode. Table 7.1 Processor Mode Features NOTE: 1. Refer to 8. Bus for details. 7.2 Setting of Processor Mode Input an “H” signal to the CNVSS pin and release the RESET signal to start up in microprocessor mode. Bits PM01 and PM00 are set to 11b (microprocessor mode) after reset. Do not set to values other than 11b. Figures 7.1 and 7.2 show the PM0 register and PM1 register. Figure 7.3 shows a memory map in microprocessor mode. Processor Mode Accessible Space Pins assigned to I/O Port Microprocessor mode(1) SFR, internal RAM, external space P0 to P5 become bus control pins |