| Moteur de recherche de fiches techniques de composants électroniques |
|
M32C/8A Fiches technique(PDF) 158 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Fiches technique(HTML) 158 Page - Renesas Technology Corp |
|
158 / 372 page ![]() M32C/8A Group 15. Timers Rev.1.00 Jul 15, 2007 Page 141 of 352 REJ09B0385-0100 15. Timers The M32C/8A Group has eleven 16-bit timers, and they are separated into five timer A and six timer B based on their functions. Individual timers function independently. The count source for each timer is used to operate the timer for counting and reloading, etc. Figures 15.1 and 15.2 show block diagrams of timer A and timer B configurations. Figure 15.1 Timer A Configuration Timer A3 XCIN Clock Prescaler 1/32 Set the CPSR bit in the CPSRF register to 1 Reset TCK1 and TCK0, TMOD1 and TMOD0: Bits in the TAiMR register TAiGH, TAiGL: Bits in the ONSF register or the TRGSR register ( i = 0 to 4) fC32 Timer A0 Timer A1 Timer A2 Timer A4 Timer A0 interrupt Timer A1 interrupt Timer A2 interrupt Timer A3 interrupt Timer A4 interrupt 00 01 10 11 00 01 10 11 00 01 10 11 00 01 10 11 00 01 10 11 TCK1 and TCK0 f1 f8 f2n fC32 TA0IN TA1IN TA2IN TA3IN TA4IN 00 01 10 11 00 01 10 11 00 01 10 11 00 01 10 11 00 01 10 11 TCK1 and TCK0 TCK1 and TCK0 TCK1 and TCK0 TCK1 and TCK0 Timer B2 overflow or underflow signal TMOD1 and TMOD0 00: Timer mode 10: One-shot timer mode 11: PWM mode 01: Event counter mode 00: Timer mode 10: One-shot timer mode 11: PWM mode 01: Event counter mode 00: Timer mode 10: One-shot timer mode 11: PWM mode 01: Event counter mode 00: Timer mode 10: One-shot timer mode 11: PWM mode 01: Event counter mode 00: Timer mode 10: One-shot timer mode 11: PWM mode 01: Event counter mode TA0TGH and TA0TGL TMOD1 and TMOD0 TA1TGH and TA1TGL TMOD1 and TMOD0 TA3TGH and TA3TGL TMOD1 and TMOD0 TA4TGH and TA4TGL TMOD1 and TMOD0 TA2TGH and TA2TGL Noise filter Noise filter Noise filter Noise filter Noise filter |