| Moteur de recherche de fiches techniques de composants électroniques |
|
M32C/8A Fiches technique(PDF) 362 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A Fiches technique(HTML) 362 Page - Renesas Technology Corp |
|
362 / 372 page ![]() M32C/8A Group 24. Usage Notes Rev.1.00 Jul 15, 2007 Page 345 of 352 REJ09B0385-0100 24.8 Three-Phase Motor Control Timer Function • Do not write to the TAi or the TAi1 register (i = 1, 2, 4) in the timing that timer B2 underflows. If there is a possibility to write in this timing, read the value of the timer B2 register to verify that there is a sufficient time until timer B2 underflows, and then write to the TAi or the TAi1 register immediately. (Technical update: TN-M16C-86-0205) |