| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/29 Fiches technique(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 Fiches technique(HTML) 17 Page - Renesas Technology Corp |
|
17 / 499 page ![]() A-10 22.9 A/D Converter ............................................................................................................. 439 22.10 Multi-Master I2C bus Interface ................................................................................. 441 22.10.1 Writing to the S00 Register ................................................................................ 441 22.10.2 AL Flag ............................................................................................................... 441 22.11 CAN Module ............................................................................................................. 442 22.11.1 Reading C0STR Register ................................................................................... 442 22.11.2 CAN Transceiver in Boot Mode .......................................................................... 444 22.12 Programmable I/O Ports ........................................................................................... 445 22.13 Electric Characteristic Differences Between Mask ROM .......................................... 446 22.14 Mask ROM Version................................................................................................... 447 22.14.1 Internal ROM Area ............................................................................................. 447 22.14.2 Reserved Bit....................................................................................................... 447 22.15 Flash Memory Version .............................................................................................. 448 22.15.1 Functions to Inhibit Rewriting Flash Memory Rewrite ........................................ 448 22.15.2 Stop Mode .......................................................................................................... 448 22.15.3 Wait Mode .......................................................................................................... 448 22.15.4 Low PowerDissipation Mode, On-Chip Oscillator Low Power Dissipation Mode .. 448 22.15.5 Writing Command and Data ............................................................................... 448 22.15.6 Program Command ............................................................................................ 448 22.15.7 Operation Speed ................................................................................................ 448 22.15.8 Instructions Inhibited Against Use ...................................................................... 448 22.15.9 Interrupts ............................................................................................................ 449 22.15.10 How to Access.................................................................................................. 449 22.15.11 Writing in the User ROM Area .......................................................................... 449 22.15.12 DMA Transfer ................................................................................................... 449 22.15.13 Regarding Programming/Erasure Times and Execution Time ......................... 449 22.15.14 Definition of Programming/Erasure Times ....................................................... 450 22.15.15 Flash Memory Version Electrical Characteristics 10,000 E/W cycle products ( Normal: U7, U9; T-ver./V-ver.: U7) ............................................. 450 22.15.16 Boot Mode ........................................................................................................ 450 22.16 Noise ........................................................................................................................ 451 22.17 Instruction for a Device Use ..................................................................................... 452 |