| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/29 Fiches technique(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 Fiches technique(HTML) 15 Page - Renesas Technology Corp |
|
15 / 499 page ![]() A-8 20.4 CPU Rewrite Mode ..................................................................................................... 337 20.4.1 EW Mode 0 .......................................................................................................... 338 20.4.2 EW Mode 1 .......................................................................................................... 338 20.5 Register Description ................................................................................................... 339 20.5.1 Flash Memory Control Register 0 (FMR0) ........................................................... 339 20.5.2 Flash Memory Control Register 1 (FMR1) ........................................................... 340 20.5.3 Flash Memory Control Register 4 (FMR4) ........................................................... 340 20.6 Precautions in CPU Rewrite Mode ............................................................................. 345 20.6.1 Operation Speed .................................................................................................. 345 20.6.2 Prohibited Instructions.......................................................................................... 345 20.6.3 Interrupts .............................................................................................................. 345 20.6.4 How to Access...................................................................................................... 345 20.6.5 Writing in the User ROM Area .............................................................................. 345 20.6.6 DMA Transfer ....................................................................................................... 346 20.6.7 Writing Command and Data ................................................................................. 346 20.6.8 Wait Mode ............................................................................................................ 346 20.6.9 Stop Mode ............................................................................................................ 346 20.6.10 Low Power Consumption Mode and On-Chip Oscillator-Low Power Consumption Mode ... 346 20.7 Software Commands .................................................................................................. 347 20.7.1 Read Array Command (FF16)............................................................................... 347 20.7.2 Read Status Register Command (7016) ............................................................... 347 20.7.3 Clear Status Register Command (5016) ............................................................... 347 20.7.4 Program Command (4016) ................................................................................... 348 20.7.5 Block Erase .......................................................................................................... 349 20.8 Status Register ........................................................................................................... 351 20.8.1 Sequence Status (SR7 and FMR00 Bits )............................................................ 351 20.8.2 Erase Status (SR5 and FMR07 Bits) ................................................................... 351 20.8.3 Program Status (SR4 and FMR06 Bits) ............................................................... 351 20.8.4 Full Status Check ................................................................................................. 352 20.9 Standard Serial I/O Mode ........................................................................................... 354 20.9.1 ID Code Check Function ...................................................................................... 354 20.9.2 Example of Circuit Application in Standard Serial I/O Mode ................................ 358 20.10 Parallel I/O Mode ...................................................................................................... 360 20.10.1 ROM Code Protect Function .............................................................................. 360 20.11 CAN I/O Mode .......................................................................................................... 361 20.11.1 ID code check function ....................................................................................... 361 20.11.2 Example of Circuit Application in CAN I/O Mode................................................ 365 |