| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/300H Fiches technique(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Fiches technique(HTML) 24 Page - Renesas Technology Corp |
|
24 / 552 page ![]() Rev. 3.00 May 15, 2007 Page xxiv of xxxii Figure 14.3 Relationship between Output Clock and Transfer Data Phase (Asynchronous Mode) (Example with 8-Bit Data, Parity, Two Stop Bits) ............ 254 Figure 14.4 Sample SCI3 Initialization Flowchart ..................................................................... 258 Figure 14.5 Example SCI3 Operation in Transmission in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit)........................................................................... 259 Figure 14.6 Sample Serial Transmission Flowchart (Asynchronous Mode) .............................. 260 Figure 14.7 Example SCI3 Operation in Reception in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit)........................................................................... 262 Figure 14.8 Sample Serial Data Reception Flowchart (Asynchronous Mode) (1) ..................... 263 Figure 14.8 Sample Serial Data Reception Flowchart (Asynchronous Mode) (2) ..................... 264 Figure 14.9 Data Format in Clock Synchronous Communication.............................................. 265 Figure 14.10 Example of SCI3 Operation in Transmission in Clock Synchronous Mode ..................................................................................... 266 Figure 14.11 Sample Serial Transmission Flowchart (Clock Synchronous Mode).................... 267 Figure 14.12 Example of SCI3 Reception Operation in Clock Synchronous Mode................... 268 Figure 14.13 Sample Serial Reception Flowchart (Clock Synchronous Mode) ......................... 269 Figure 14.14 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations (Clock Synchronous Mode) .................................................. 270 Figure 14.15 IrDA Block Diagram............................................................................................. 271 Figure 14.16 IrDA Transmission and Reception ........................................................................ 272 Figure 14.17 (a) RDRF Setting and RXI Interrupt ..................................................................... 276 Figure 14.17 (b) TDRE Setting and TXI Interrupt ..................................................................... 276 Figure 14.17 (c) TEND Setting and TEI Interrupt...................................................................... 276 Figure 14.18 Receive Data Sampling Timing in Asynchronous Mode ...................................... 278 Figure 14.19 Relation between RDR Read Timing and Data..................................................... 280 Section 15 Synchronous Serial Communication Unit (SSU) Figure 15.1 Block Diagram of SSU............................................................................................ 284 Figure 15.2 Relationship between Clock Polarity and Phase, and Data ..................................... 294 Figure 15.3 Relationship between Data Input/Output Pin and Shift Register ............................ 295 Figure 15.4 Initialization in Clocked Synchronous Communication Mode................................ 297 Figure 15.5 Example of Operation in Data Transmission .......................................................... 298 Figure 15.6 Sample Serial Transmission Flowchart ................................................................... 299 Figure 15.7 Example of Operation in Data Reception (MSS = 1).............................................. 300 Figure 15.8 Sample Serial Reception Flowchart (MSS = 1)....................................................... 301 Figure 15.9 Sample Flowchart for Serial Transmit and Receive Operations.............................. 302 Figure 15.10 Initialization in Four-Line Bus Communication Mode ......................................... 304 Figure 15.11 Example of Operation in Data Transmission (MSS = 1)....................................... 306 Figure 15.12 Example of Operation in Data Reception (MSS = 1)............................................ 308 Figure 15.13 Arbitration Check Timing ..................................................................................... 309 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |