Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/300H Fiches technique(PDF) 73 Page - Renesas Technology Corp

No de pièce H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Fiches technique(HTML) 73 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 69Page - Renesas Technology Corp H8/300H Datasheet HTML 70Page - Renesas Technology Corp H8/300H Datasheet HTML 71Page - Renesas Technology Corp H8/300H Datasheet HTML 72Page - Renesas Technology Corp H8/300H Datasheet HTML 73Page - Renesas Technology Corp H8/300H Datasheet HTML 74Page - Renesas Technology Corp H8/300H Datasheet HTML 75Page - Renesas Technology Corp H8/300H Datasheet HTML 76Page - Renesas Technology Corp H8/300H Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 552 page
background image
Section 3 Exception Handling
Rev. 3.00 May 15, 2007 Page 41 of 516
REJ09B0152-0300
Section 3 Exception Handling
Exception handling is caused by a reset, a trap instruction (TRAPA), or interrupts.
• Reset
A reset has the highest exception priority. Exception handling starts after the reset state is
cleared by a negation of the
RES signal. Exception handling is also started when the watchdog
timer overflows. The exception handling executed at this time is the same as that for a reset by
the
RES pin.
• Trap Instruction
Exception handling starts when a trap instruction (TRAPA) is executed. A vector address
corresponding to a vector number from 0 to 3 which are specified in the instruction code is
generated. Exception handling can be executed at all times in the program execution state,
regardless of the setting of the I bit in CCR.
• Interrupts
External interrupts other than the NMI and internal interrupts are masked by the I bit in CCR,
and kept pending while the I bit is set to 1. Exception handling starts when the current
instruction or exception handling ends, if an interrupt is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com