Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M5M5V216ART Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce M5M5V216ART
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5V216ART Fiches technique(HTML) 7 Page - Renesas Technology Corp

  M5M5V216ART Datasheet HTML 1Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 2Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 3Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 4Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 5Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 6Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 7Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 8Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
M5M5V216ATP,RT
revision-03, 14.Jan.'03
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
6
Note 3: Hatching indicates the state is "don't care".
Note 4: A Write occurs during S low , ov erlaps BC1 and/or BC2 low and W low.
Note 6: Don't apply inv erted phase signal externally when DQ pin is in output mode.
Note 5: When the f alling edge of W is simultaneously or priorto the f alling edge of BC1 and/or BC2 or the f alling edge of S,
th (D)
tsu (D)
DQ1~16
tsu (BC1) or
tsu (BC2)
trec (W)
tsu (A)
tCW
A0~16
W
Write cycle (BC control mode)
DATA IN
STABLE
(Note3)
(Note3)
(Note4)
(Note5)
th (D)
tsu (D)
DQ1~16
tsu (S)
trec (W)
tsu (A)
tCW
A0~16
W
S
Write cycle (S control mode)
DATA IN
STABLE
(Note3)
(Note3)
(Note4)
(Note5)
(Note3)
(Note3)
S
BC1
BC2
and / or
(Note3)
(Note3)
(Note4)
BC1
BC2
and / or
the outputs are maintained in the high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9