| Moteur de recherche de fiches techniques de composants électroniques |
|
M35054 Fiches technique(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35054 Fiches technique(HTML) 23 Page - Renesas Technology Corp |
|
23 / 41 page ![]() M35054-XXXFP/M35055-XXXFP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS MITSUBISHI MICROCOMPUTERS 22 SERIAL DATA INPUT TIMING (1) The address consists of 16 bits. (2) The data consists of 16 bits. (3) __ The 16 bits in the SCK after the CS signal has fallen are the ad- dress, and for succeeding input data, the address is incremented every 16 bits. Fig. 11 Serial input timing Address (16 bit) N =1, 2, 3 CS SCK LSB MSB SIN Data N (16 bit) Data N+1 (16 bit) LSB MSB LSB MSB |