| Moteur de recherche de fiches techniques de composants électroniques |
|
M35054 Fiches technique(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35054 Fiches technique(HTML) 19 Page - Renesas Technology Corp |
|
19 / 41 page ![]() M35054-XXXFP/M35055-XXXFP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS MITSUBISHI MICROCOMPUTERS 18 (4) Port output and BLNK1, CO1 output Fig. 7 Example of port control STOP1 DSPON CS pin at display clock operating 0 1 L at display clock stop 1 0 H STOP1, CDSPON (Address F816) (5) Setting conditions for oscillating or stopping the display clock LEVEL0 LEVEL1 0 0 External synchronous 1 1 Operation state (Character display) Internal synchronous 1 0 LEVEL0 (address F616), LEVEL1 (address F816) Now-working condition (no characters are displayed) (6) Setting condition at LEVEL0,1 1 0 Polarity switching 1 0 Select Output PTD0, 1, PTC0, 1 (Address F016) PTC0 (PTC1) PTD0 (PTD1) BLNK1 (CO1) PTD0 (PTD1) |