| Moteur de recherche de fiches techniques de composants électroniques |
|
STVD901J Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STVD901J Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() 1/4 STVD901J ® January 2003 - Ed: 2 VARICAP n High capacitance ratio n Tuned for 900 Mhz band in mobile phone n Surface mount device FEATURES AND BENEFITS The STDV901J is a variable capacitance diode in SOD-323 package. This diode is intended to be used in mobile phone application to control the VCO frequency. DESCRIPTION SOD-323 Symbol Parameter Value Unit VR Continuous reverse voltage 6 V IF Continuous forward current 20 mA Tstg Storage temperature range - 65 to +150 °C Tj Maximum junction temperature 150 °C TL Maximum temperature for soldering 260 °C ABSOLUTE RATINGS (limiting values) A K 47 |
Numéro de pièce similaire - STVD901J |
|
Description similaire - STVD901J |