Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5N2001LS Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce H5N2001LS
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2001LS Fiches technique(HTML) 2 Page - Renesas Technology Corp

  H5N2001LS Datasheet HTML 1Page - Renesas Technology Corp H5N2001LS Datasheet HTML 2Page - Renesas Technology Corp H5N2001LS Datasheet HTML 3Page - Renesas Technology Corp H5N2001LS Datasheet HTML 4Page - Renesas Technology Corp H5N2001LS Datasheet HTML 5Page - Renesas Technology Corp H5N2001LS Datasheet HTML 6Page - Renesas Technology Corp H5N2001LS Datasheet HTML 7Page - Renesas Technology Corp H5N2001LS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
H5N2001LD, H5N2001LS, H5N2001LM
Rev.6.00 Jul 14, 2006 page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
200
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
20
A
Drain peak current
ID (pulse)
Note 1
80
A
Body to drain diode reverse drain current
IDR
20
A
Body to drain diode reverse drain peak current
IDR (pulse)
Note 1
80
A
Avalanche current
IAP
Note 3
20
A
Channel dissipation
Pch
Note 2
75
W
Channel to case Thermal Impedance
θ ch-c
1.67
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. Tch
≤ 150°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
200
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
µA
VGS =
±30 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
µA
VDS = 200 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
3.0
—
4.5
V
ID = 1 mA, VDS = 10 V
Static drain to source on state resistance
RDS (on)
—
0.100
0.125
Ω
ID = 10 A, VGS = 10 V
Note 4
Forward transfer admittance
|yfs|
8
14
—
S
ID = 10 A, VDS = 10 V
Note 4
Input capacitance
Ciss
—
1350
—
pF
Output capacitance
Coss
—
180
—
pF
Reverse transfer capacitance
Crss
—
55
—
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
—
35
—
ns
Rise time
tr
—
70
—
ns
Turn-off delay time
td (off)
—
85
—
ns
Fall time
tf
—
20
—
ns
ID = 10 A
RL = 10
Ω
VGS = 10 V
Rg = 10
Ω
Total gate charge
Qg
—
44
—
nC
Gate to source charge
Qgs
—
8
—
nC
Gate to drain charge
Qgd
—
22
—
nC
VDD = 160 V
VGS = 10 V
ID = 20 A
Body to drain diode forward voltage
VDF
—
0.9
1.4
V
IF = 20 A, VGS = 0
Note4
Body to drain diode reverse recovery time
trr
—
140
—
ns
Body to drain diode reverse recovery
charge
Qrr
—
0.7
—
µC
IF = 20 A, VGS = 0
diF/dt = 100 A/
µs
Note:
4. Pulse test



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com