Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5N2001LS Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce H5N2001LS
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2001LS Fiches technique(HTML) 4 Page - Renesas Technology Corp

  H5N2001LS Datasheet HTML 1Page - Renesas Technology Corp H5N2001LS Datasheet HTML 2Page - Renesas Technology Corp H5N2001LS Datasheet HTML 3Page - Renesas Technology Corp H5N2001LS Datasheet HTML 4Page - Renesas Technology Corp H5N2001LS Datasheet HTML 5Page - Renesas Technology Corp H5N2001LS Datasheet HTML 6Page - Renesas Technology Corp H5N2001LS Datasheet HTML 7Page - Renesas Technology Corp H5N2001LS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
H5N2001LD, H5N2001LS, H5N2001LM
Rev.6.00 Jul 14, 2006 page 4 of 7
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
0.5
–25
0
25
75
50
100
150
125
0
0.1
0.2
0.3
0.4
ID = 20 A
10 A
5 A
VGS = 10 V
Pulse Test
330
0.1
1
10
100
0.3
10
100
30
1
0.3
3
0.1
Tc = –25°C
VDS = 10 V
Pulse Test
75°C
25°C
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
0
50
100
150
100000
30000
3000
10000
300
1000
30
100
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
400
300
200
100
0
0
16
12
8
4
20
40
60
80
100
0
ID = 20 A
VGS
VDS
VDD = 160 V
100 V
50 V
VDD = 160 V
100 V
50 V
Gate Charge
Qg (nc)
Dynamic Input Characteristics
0.1
0.3
1
3
10
30
100
1000
500
100
200
5
50
2
20
10
1
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
Reverse Drain Current
IDR (A)
Body to Drain Diode Reverse
Recovery Time
1000
3000
100
30
0.1
0.3
10
100
3
Drain Current
ID (A)
Switching Characteristics
130
10000
300
10
tr
tr
td(on)
td(off)
tf
tf
VGS = 10 V, VDD = 100 V
RW = 5
µs, duty ≤ 1 %
Rg = 10
Ω



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com