| Moteur de recherche de fiches techniques de composants électroniques |
|
HSC285 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HSC285 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.2.00 May 17, 2006 page 1 of 4 HSC285 Silicon Schottky Barrier Diode for Detector REJ03G0011-0200 Rev.2.00 May 17, 2006 Features • Low forward voltage, Low capacitance and High detection sensitivity. • Ultra small Flat Lead Package (UFP) is suitable for surface mount design. Ordering Information Type No. Laser Mark Package Name Package Code HSC285 C4 UFP PWFS0002ZA-A Pin Arrangement 12 C4 Cathode mark Mark 1. Cathode 2. Anode |
Numéro de pièce similaire - HSC285 |
|
Description similaire - HSC285 |