Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSC285 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce HSC285
Description  Silicon Schottky Barrier Diode for Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSC285 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  HSC285 Datasheet HTML 1Page - Renesas Technology Corp HSC285 Datasheet HTML 2Page - Renesas Technology Corp HSC285 Datasheet HTML 3Page - Renesas Technology Corp HSC285 Datasheet HTML 4Page - Renesas Technology Corp HSC285 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HSC285
Rev.2.00 May 17, 2006 page 4 of 4
Package Dimensions
A
c
E
HE
D
b
e1
l1
l1
Pattern of terminal position areas
b2
A
b
c
D
E
HE
b2
e1
l1
0.25
0.50
0.08
0.13
0.70
1.10
1.50
0.30
0.60
0.80
0.80
1.70
1.20
1.60
0.60
0.70
0.35
0.18
0.90
1.30
1.70
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
SC-79
0.0016g
MASS[Typ.]
UFP / UFPV
PWSF0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
UFP



Html Pages

1 2 3 4 5