| Moteur de recherche de fiches techniques de composants électroniques |
|
HVC374B Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HVC374B Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.2.00 Jul 01, 2005 page 1 of 4 HVC374B Variable Capacitance Diode for VCO REJ03G0089-0200 Rev.2.00 Jul 01, 2005 Features • High capacitance ratio and good C-V linearity. • To be usable at low voltage. • Low operation current. • Ultra small Flat Lead Package (UFP) is suitable for surface mount design. Ordering Information Type No. Laser Mark Package Name Package Code (Previous Code) HVC374B B6 UFP PWSF0002ZA-A (UFP) Pin Arrangement 12 B6 Cathode mark Mark 1. Cathode 2. Anode |
Numéro de pièce similaire - HVC374B |
|
Description similaire - HVC374B |