Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVC374B Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce HVC374B
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC374B Fiches technique(HTML) 4 Page - Renesas Technology Corp

  HVC374B Datasheet HTML 1Page - Renesas Technology Corp HVC374B Datasheet HTML 2Page - Renesas Technology Corp HVC374B Datasheet HTML 3Page - Renesas Technology Corp HVC374B Datasheet HTML 4Page - Renesas Technology Corp HVC374B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HVC374B
Rev.2.00 Jul 01, 2005 page 4 of 4
Package Dimensions
A
c
E
HE
D
b
e1
l1
l1
Pattern of terminal position areas
b2
A
b
c
D
E
HE
b2
e1
l1
0.25
0.50
0.08
0.70
1.10
1.50
0.30
0.60
0.80
0.80
1.70
1.20
1.60
0.60
0.70
0.35
0.18
0.90
1.30
1.70
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
SC-79
0.0016g
MASS[Typ.]
UFP / UFPV
PWSF0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5