| Moteur de recherche de fiches techniques de composants électroniques |
|
STV1602A Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV1602A Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 22 page ![]() PIN DESCRIPTION (continued) Pin N o Symbol Equivalent Circuit Description I/O Standard Min. Typ. Max. Unit 9 to 18 D9 to D0 Parallel data output H L O -0.8 -1.6 V V 19 PCK Parallel clock output (rising edge at data center) H L O -0.8 -1.6 V V 21 EVR Data output reference potential O -1.2 V 26 AIX Equalizer differential input I -2.0 V 25 AIY 28 NC To be left open I -4.6 V 29 CX Equalizer detector output; Input signal : absent present O -2.4 -2.0 V V GND EE V 21 9 18 600 Ω 600 Ω 300 Ω 210 Ω 210 Ω VR3 GND EE V 10k Ω 10k Ω 26 300 Ω 3k Ω 4k Ω 4k Ω 25 GND EE V 29 28 16k Ω 2k Ω 2k Ω 1k Ω 2k Ω STV1602A 3/22 |