| Moteur de recherche de fiches techniques de composants électroniques |
|
STV1602A Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV1602A Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 22 page ![]() PIN DESCRIPTION Pin N o Symbol Equivalent Circuit Description I/O Standard Min. Typ. Max. Unit 3SY Reclocked serial data output in differential mode. SX and SY are disabled when TN1 is set High. In this case, SX is set High and SY is set Low H L O -1.6 -2.4 V V 4SX 5 QSW (GND) To be connected to GND I 36 FV Adjustment of VCO Free running frequency : VEE level gives the lowest frequency. To adjust it, set TN1 High. I 1 ESO Output of phase comparator : must be connected to ESI with the shortest distance O -3.2 V GND EE V VR3 30 Ω 30 Ω 2k Ω 2k Ω 34 145 Ω GND EE V 1 2k Ω 1k Ω 1k Ω 2k Ω GND EE V 36 5 1k Ω 10k Ω 10k Ω STV1602A 2/22 |