Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404339FS Fiches technique(PDF) 46 Page - Renesas Technology Corp

No de pièce HD404339FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS Fiches technique(HTML) 46 Page - Renesas Technology Corp

Back Button HD404339FS Datasheet HTML 42Page - Renesas Technology Corp HD404339FS Datasheet HTML 43Page - Renesas Technology Corp HD404339FS Datasheet HTML 44Page - Renesas Technology Corp HD404339FS Datasheet HTML 45Page - Renesas Technology Corp HD404339FS Datasheet HTML 46Page - Renesas Technology Corp HD404339FS Datasheet HTML 47Page - Renesas Technology Corp HD404339FS Datasheet HTML 48Page - Renesas Technology Corp HD404339FS Datasheet HTML 49Page - Renesas Technology Corp HD404339FS Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
HD404339 Series
44
Timer C
Timer C is an 8-bit multifunction timer that includes free-running, reload, and watchdog timer features,
which are described as follows.
• By setting timer mode register C (TMC: $00D), one of eight internal clocks supplied from prescaler S
can be selected
• By selecting pin TOC with bit 2 (PMRA2) of port mode register A (PMRA: $004), timer C output
(PWM output) is enabled
• By setting timer write register CL, U (TWCL, U: $00E, $00F), timer counter C (TCC) can be written to
• By setting timer read register CL, U (TRCL, U: $00E, $00F), the contents of timer counter C can be
read out
• An interrupt can be requested when timer counter C overflows
• Timer counter C can be used as a watchdog timer for detecting runaway programs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80