| Moteur de recherche de fiches techniques de composants électroniques |
|
HD151TS201AT Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS201AT Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 29 page ![]() Rev.1.00, Oct.21.2003, page 1 of 28 HD151TS201AT Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA–GM chip set REJ03D0085–0100Z Preliminary Rev.1.00 Oct.21.2003 Description The HD151TS201AT is Intel CK408 type high-performance, low-skew, low-jitter, PC motherboard Clock generator. It is specifically designed for Intel Pentium®4 chipset. Banias and Dothan processor / ODEM and MONTARA–GM chip set Features • 3 differential pairs of current mode control CPU clock • 7 PCI clocks and 3 PCIF clocks @3.3V, 33.3MHz typ. • 1 copy of 48MHz for USB @3.3V • 1 copy of 48MHz for DOT @3.3V • 6 copies of 3V66 clock @3.3V,66.6MHz • 1 copy of VCH@3.3V, 48MHz • Power save and clock stop function. • I2CTM serial port programming • Programmable Clock Control (Spread Spectrum Percentage, Clock Output Skew, Slew Rate) • 56pin TSSOP (244 mils) • Ordering Information Part Name Package Type Package Code Package Abbreviation Taping Abbreviation (Quantity) HD151TS201ATEL TSSOP-56 pin AT EL (1,000 pcs / Reel) Note: Please consult the sales office for the above package availability. Note: I 2C is a trademark of Philips Corporation. Pentium is registered trademark of Intel Corporation |
Numéro de pièce similaire - HD151TS201AT |
|
Description similaire - HD151TS201AT |