Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64112DFB Fiches technique(PDF) 32 Page - Renesas Technology Corp

No de pièce R5F64112DFB
Description  RENESAS MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB Fiches technique(HTML) 32 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 28Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 29Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 30Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 31Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 32Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 33Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 34Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 35Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
R01DS0062EJ0130 Rev.1.30
Page 32 of 93
Mar 3, 2014
R32C/111 Group
4. Special Function Registers (SFRs)
Table 4.3
SFR List (3)
Address
Register
Symbol
Reset Value
000088h DMA1 Transfer Complete Interrupt Control Register
DM1IC
XXXX X000b
000089h UART1/4 Bus Collision, START Condition/STOP Condition
Detection Interrupt Control Register
BCN1IC/BCN4IC
XXXX X000b
00008Ah DMA3 Transfer Complete Interrupt Control Register
DM3IC
XXXX X000b
00008Bh Key Input Interrupt Control Register
KUPIC
XXXX X000b
00008Ch Timer A1 Interrupt Control Register
TA1IC
XXXX X000b
00008Dh Intelligent I/O Interrupt Control Register 1
IIO1IC
XXXX X000b
00008Eh Timer A3 Interrupt Control Register
TA3IC
XXXX X000b
00008Fh Intelligent I/O Interrupt Control Register 3
IIO3IC
XXXX X000b
000090h UART0 Transmit/NACK Interrupt Control Register
S0TIC
XXXX X000b
000091h Intelligent I/O Interrupt Control Register 5
IIO5IC
XXXX X000b
000092h UART1 Transmit/NACK Interrupt Control Register
S1TIC
XXXX X000b
000093h Intelligent I/O Interrupt Control Register 7
IIO7IC
XXXX X000b
000094h Timer B0 Interrupt Control Register
TB0IC
XXXX X000b
000095h Intelligent I/O Interrupt Control Register 9
IIO9IC
XXXX X000b
000096h Timer B2 Interrupt Control Register
TB2IC
XXXX X000b
000097h Intelligent I/O Interrupt Control Register 11
IIO11IC
XXXX X000b
000098h Timer B4 Interrupt Control Register
TB4IC
XXXX X000b
000099h
00009Ah INT4 Interrupt Control Register
INT4IC
XX00 X000b
00009Bh
00009Ch INT2 Interrupt Control Register
INT2IC
XX00 X000b
00009Dh
00009Eh INT0 Interrupt Control Register
INT0IC
XX00 X000b
00009Fh
0000A0h Intelligent I/O Interrupt Request Register 0
IIO0IR
0000 0XX1b
0000A1h Intelligent I/O Interrupt Request Register 1
IIO1IR
0000 0XX1b
0000A2h Intelligent I/O Interrupt Request Register 2
IIO2IR
0000 0X01b
0000A3h Intelligent I/O Interrupt Request Register 3
IIO3IR
0000 XXX1b
0000A4h Intelligent I/O Interrupt Request Register 4
IIO4IR
000X 0XX1b
0000A5h Intelligent I/O Interrupt Request Register 5
IIO5IR
000X 0XX1b
0000A6h Intelligent I/O Interrupt Request Register 6
IIO6IR
000X 0XX1b
0000A7h Intelligent I/O Interrupt Request Register 7
IIO7IR
X00X 0XX1b
0000A8h Intelligent I/O Interrupt Request Register 8
IIO8IR
XX0X 0XX1b
0000A9h Intelligent I/O Interrupt Request Register 9
IIO9IR
0000 0XX1b
0000AAh Intelligent I/O Interrupt Request Register 10
IIO10IR
0000 0XX1b
0000ABh Intelligent I/O Interrupt Request Register 11
IIO11IR
0000 0XX1b
0000ACh
0000ADh
0000AEh
0000AFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com