Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64112DFB Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce R5F64112DFB
Description  RENESAS MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB Fiches technique(HTML) 3 Page - Renesas Technology Corp

  R5F64112DFB Datasheet HTML 1Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 2Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 3Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 4Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 5Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 6Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 7Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 8Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
R01DS0062EJ0130 Rev.1.30
Page 3 of 93
Mar 3, 2014
R32C/111 Group
1. Overview
Note:
1.
Contact a Renesas Electronics sales office to use the optional features.
Table 1.2
Performance Overview for the 100-pin Package (2/2)
Unit
Function
Explanation
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-
phase encoder input) × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse frequency measurement
mode, pulse-width measurement mode
Three-phase
motor control
timer
Three-phase motor control timer × 1 (timers A1, A2, A4, and B2 used)
8-bit programmable dead time timer
Serial
Interface
UART0 to UART8 Asynchronous/synchronous serial interface × 9 channels
•I2C-bus (UART0 to UART6)
• Special mode 2 (UART0 to UART6)
• IEBus (optional (1)) (UART0 to UART6)
A/D Converter
10-bit resolution × 26 channels
Sample and hold functionality integrated
D/A Converter
8-bit resolution × 2
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1)
X-Y Converter
16 bits × 16 bits
Intelligent I/O
Time measurement (input capture): 16 bits × 16
Waveform generation (output compare): 16 bits × 19
Serial interface: Variable-length synchronous serial I/O mode, IEBus
mode (optional (1))
Flash Memory
Programming and erasure supply voltage:
VCC1 = VCC2 = 3.0 to 5.5 V
Minimum endurance: 1,000 program/erase cycles
Security protection: ROM code protect, ID code protect
Debugging: On-chip debug, on-board flash programming
Operating Frequency/Supply
Voltage
50 MHz/VCC1 = 3.0 to 5.5 V, VCC2 = 3.0 V to VCC1
Operating Temperature
-20°C to 85°C (N version)
-40°C to 85°C (D version)
Current Consumption
32 mA (VCC1 = VCC2 = 5.0 V, f(CPU) = 50 MHz)
8 µA (VCC1 = VCC2 = 3.3 V, f(XCIN) = 32.768 kHz, in wait mode)
Package
100-pin plastic molded LQFP (PLQP0100KB-A)
100-pin plastic molded TFLGA (PTLG0100KA-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com