| Moteur de recherche de fiches techniques de composants électroniques |
|
M38045F2HKP Fiches technique(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38045F2HKP Fiches technique(HTML) 90 Page - Renesas Technology Corp |
|
90 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 90 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) q Parallel I/O Mode The parallel I/O mode is used to input/output software commands, address and data in parallel for operation (read, program and erase) to internal flash memory. Use the external device (writer) only for 3804 Group (spec. H). For details, refer to the user’s manual of each writer manufacturer. • User ROM and Boot ROM Areas In parallel I/O mode, the User ROM and Boot ROM areas shown in Figure 77 can be rewritten. Both areas of flash memory can be operated on in the same way. The Boot ROM area is 4 Kbytes in size and located at addresses F00016 through FFFF16. Make sure program and block erase op- erations are always performed within this address range. (Access to any location outside this address range is prohibited.) In the Boot ROM area, an erase block operation is applied to only one 4 Kbyte block. The boot ROM area has had a standard serial I/O mode control program stored in it when shipped from the fac-tory. Therefore, using the MCU in standard serial I/O mode, do not rewrite to the Boot ROM area. |