| Moteur de recherche de fiches techniques de composants électroniques |
|
M38045F2HKP Fiches technique(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38045F2HKP Fiches technique(HTML) 6 Page - Renesas Technology Corp |
|
6 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 6 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) GROUP EXPANSION Renesas plans to expand the 3804 group (Spec. H) as follows. Memory Size Flash memory size ......................................................... 60 K bytes RAM size ....................................................................... 2048 bytes Packages 64P4B ......................................... 64-pin shrink plastic-molded DIP 64P6N-A .................................... 0.8 mm-pitch plastic molded QFP 64P6Q-A .................................. 0.5 mm-pitch plastic molded LQFP 64P6U-A .................................. 0.8 mm-pitch plastic molded LQFP Fig. 5 Memory expansion plan Memory Expansion Plan 48K 32K 28K 24K 20K 16K 12K 8K 384 512 640 768 896 1024 60K 1152 1280 1408 1536 2048 3072 4032 ROM size (bytes) RAM size (bytes) M38049FFH M38049FF As of Jan. 2005 : Under development : Mass production |