| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS85 Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS85 Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() HD74LS85 Rev.2.00, Feb.18.2005, page 2 of 6 Function Table Inputs Cascading Inputs Outputs A3, B3 A2, B2 A1, B1 A0, B0 A > B A < B A = B A > B A < B A = B A3 > B3 X X X X X X H L L A3 < B3 X X X X X X L H L A3 = B3 A2 > B2 X X X X X H L L A3 = B3 A2 < B2 X X X X X L H L A3 = B3 A2 = B2 A1 > B1 X X X X H L L A3 = B3 A2 = B2 A1 < B1 X X X X L H L A3 = B3 A2 = B2 A1 = B1 A0 > B0 X X X H L L A3 = B3 A2 = B2 A1 = B1 A0 < B0 X X X L H L A3 = B3 A2 = B2 A1 = B1 A0 = B0 H L L H L L A3 = B3 A2 = B2 A1 = B1 A0 = B0 L H L L H L A3 = B3 A2 = B2 A1 = B1 A0 = B0 X X H L L H A3 = B3 A2 = B2 A1 = B1 A0 = B0 H H L L L L A3 = B3 A2 = B2 A1 = B1 A0 = B0 L L L H H L H; high level, L; low level, X; irrelevant Block Diagram A3 B3 A2 B2 A < B A = B A > B A > B A = B A < B A1 B1 A0 B0 Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |