| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS85 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS85 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 7 page ![]() Rev.2.00, Feb.18.2005, page 1 of 6 HD74LS85 4-bit Magnitude Comparator REJ03D0421–0200 Rev.2.00 Feb.18.2005 This four bit magnitude comparator performs comparison of straight binary and straight BCD (8-4-2-1) codes. Three fully decoded decisions about two 4-bit words (A, B) are made and are externally available at three outputs. This device is fully expandable to any number of bits without external gates. Words of greater length may be compared by connecting comparators in cascade. The A > B, A < B, and A = B outputs of a stage handling less-significant bits. The stage handling the least- significant bits must have a high-level voltage applied to the A β B input. The cascading path is implemented with only a two-gate-level delay to reduce overall comparison times for long words. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS85P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS85FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 B3 A<B A<B B0 A=B A>B A=B A3 A0 B1 A2 B2 B3 Data Input A<B A=B A>B A>B A=B A<B B0 A0 B1 A1 A2 B2 A3 A>B A1 Data Inputs Cascade Inputs In Out Outputs |
Numéro de pièce similaire - HD74LS85 |
|
Description similaire - HD74LS85 |