| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS42 Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS42 Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() HD74LS42 Rev.3.00, Jul.22.2005, page 2 of 6 Function Table BCD input Decimal output No. D C B A 0 1 2 3 4 5 6 7 8 9 0 L L L L L H H H H H H H H H 1 L L L H H L H H H H H H H H 2 L L H L H H L H H H H H H H 3 L L H H H H H L H H H H H H 4 L H L L H H H H L H H H H H 5 L H L H H H H H H L H H H H 6 L H H L H H H H H H L H H H 7 L H H H H H H H H H H L H H 8 H L L L H H H H H H H H L H 9 H L L H H H H H H H H H H L H L H L H H H H H H H H H H H L H H H H H H H H H H H H H H L L H H H H H H H H H H H H L H H H H H H H H H H H H H H L H H H H H H H H H H Invalid H H H H H H H H H H H H H H H; high level, L; low level Block Diagram Inputs A B C D A A B B C C D D Outputs 0Y 1Y 2Y 3Y 4Y 5Y 6Y 7Y 8Y 9Y Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |