| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS42 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS42 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 7 page ![]() Rev.3.00, Jul.22.2005, page 1 of 6 HD74LS42 BCD-to-Decimal Decoder REJ03D0409–0300 Rev.3.00 Jul.22.2005 This monolithic decimal decoder consists of eight inverters and ten four-input NAND gates. The inverters are connected in pairs to make BCD input data available for decoding by NAND gates. Full decoding of valid input logic ensures that all outputs remain off for all invalid input conditions. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS42P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS42FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) HD74LS42RPEL SOP-16 pin (JEDEC) PRSP0016DG-A (FP-16DNV) RP EL (2,500 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND 0Y 1Y 2Y 3Y 4Y 5Y 6Y A B D C 9Y 8Y 7Y 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 1 2 6 5 4 3 9 0 8 7 A B C D Outputs Outputs Inputs |
Numéro de pièce similaire - HD74LS42 |
|
Description similaire - HD74LS42 |