| Moteur de recherche de fiches techniques de composants électroniques |
|
M35075-XXXFP Fiches technique(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35075-XXXFP Fiches technique(HTML) 27 Page - Renesas Technology Corp |
|
27 / 45 page ![]() Rev.1.10 Feb 13, 2006 page 27 of 44 REJ03B0180-0110 M35075-XXXFP CHARACTER FONT Images are composed on a 12 ✕ 18 dot matrix, and characters can be linked vertically and horizontally with other characters to al- low the display the continuous symbols. Character code FF16 is fixed as a blank without background. Therefore, cannot register a character font in this code. Fig.18 Example of border display When the character extends to the top line of the matrix, no border is left at the top. Note: Hatching represents border. When the character extends to the bottom (18th) line of the matrix, no border is left at the bottom. 12 dots Note: Border |