| Moteur de recherche de fiches techniques de composants électroniques |
|
M35075-XXXFP Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35075-XXXFP Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 45 page ![]() Rev.1.10 Feb 13, 2006 page 8 of 44 REJ03B0180-0110 M35075-XXXFP SCREEN CONSTITUTION The screen lines and rows are determined from each address of the display RAM . The screen constitution is shown in Figure 10. Fig.11 RAM charcter consititution Note. When the RAM character is used, it is necessary to clear all areas of the RAM character first. FRn00B FRn00A FRn009 FRn008 FRn007 FRn006 FRn005 FRn004 FRn003 FRn002 FRn001 FRn000 FRn01B FRn01A FRn019 FRn018 FRn017 FRn016 FRn015 FRn014 FRn013 FRn012 FRn011 FRn010 FRn02B FRn02A FRn029 FRn028 FRn027 FRn026 FRn025 FRn024 FRn023 FRn022 FRn021 FRn020 FRn03B FRn03A FRn039 FRn038 FRn037 FRn036 FRn035 FRn034 FRn033 FRn032 FRn031 FRn030 FRn04B FRn04A FRn049 FRn048 FRn047 FRn046 FRn045 FRn044 FRn043 FRn042 FRn041 FRn040 FRn05B FRn05A FRn059 FRn058 FRn057 FRn056 FRn055 FRn054 FRn053 FRn052 FRn051 FRn050 FRn06B FRn06A FRn069 FRn068 FRn067 FRn066 FRn065 FRn064 FRn063 FRn062 FRn061 FRn060 FRn07B FRn07A FRn079 FRn078 FRn077 FRn076 FRn075 FRn074 FRn073 FRn072 FRn071 FRn070 FRn08B FRn08A FRn089 FRn088 FRn087 FRn086 FRn085 FRn084 FRn083 FRn082 FRn081 FRn080 FRn09B FRn09A FRn099 FRn098 FRn097 FRn096 FRn095 FRn094 FRn093 FRn092 FRn091 FRn090 FRn0AB FRn0AA FRn0A9 FRn0A8 FRn0A7 FRn0A6 FRn0A5 FRn0A4 FRn0A3 FRn0A2 FRn0A1 FRn0A0 FRn0BB FRn0BA FRn0B9 FRn0B8 FRn0B7 FRn0B6 FRn0B5 FRn0B4 FRn0B3 FRn0B2 FRn0B1 FRn0B0 FRn0CB FRn0CA FRn0C9 FRn0C8 FRn0C7 FRn0C6 FRn0C5 FRn0C4 FRn0C3 FRn0C2 FRn0C1 FRn0C0 FRn0DB FRn0DA FRn0D9 FRn0D8 FRn0D7 FRn0D6 FRn0D5 FRn0D4 FRn0D3 FRn0D2 FRn0D1 FRn0D0 FRn0EB FRn0EA FRn0E9 FRn0E8 FRn0E7 FRn0E6 FRn0E5 FRn0E4 FRn0E3 FRn0E2 FRn0E1 FRn0E0 FRn0FB FRn0FA FRn0F9 FRn0F8 FRn0F7 FRn0F6 FRn0F5 FRn0F4 FRn0F3 FRn0F2 FRn0F1 FRn0F0 FRn10B FRn10A FRn109 FRn108 FRn107 FRn106 FRn105 FRn104 FRn103 FRn102 FRn101 FRn100 FRn11B FRn11A FRn119 FRn118 FRn117 FRn116 FRn115 FRn114 FRn113 FRn112 FRn111 FRn110 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 12 3 4 56 78 910 11 12 ✽ The number in the boxes show the bit address of the RAM character :n. ("n" is RAM number : 0 to 7) Dot Dot RAM Character CONSTITUTION The dot lines and dot rows of the character RAM are determined from each address and bit of the character RAM . The RAM char- acter constitution is shown in Figure 11. Fig.10 Screen constitution 00016 00116 00216 00316 00416 00516 00616 00716 00816 00916 00A16 00B16 00C16 00D16 00E16 00F16 01016 01116 01216 01316 01416 01516 01616 01716 01816 01916 01A16 01B16 01C16 01D16 01E16 01F16 02016 02116 02216 02316 02416 02516 02616 02716 02816 02916 02A16 02B16 02C16 02D16 02E16 02F16 03016 03116 03216 03316 03416 03516 03616 03716 03816 03916 03A16 03B16 03C16 03D16 03E16 03F16 04016 04116 04216 04316 04416 04516 04616 04716 04816 04916 04A16 04B16 04C16 04D16 04E16 04F16 05016 05116 05216 05316 05416 05516 05616 05716 05816 05916 05A16 05B16 05C16 05D16 05E16 05F16 06016 06116 06216 06316 06416 06516 06616 06716 06816 06916 06A16 06B16 06C16 06D16 06E16 06F16 07016 07116 07216 07316 07416 07516 07616 07716 07816 07916 07A16 07B16 07C16 07D16 07E16 07F16 08016 08116 08216 08316 08416 08516 08616 08716 08816 08916 08A16 08B16 08C16 08D16 08E16 08F16 09016 09116 09216 09316 09416 09516 09616 09716 09816 09916 09A16 09B16 09C16 09D16 09E16 09F16 0A016 0A116 0A216 0A316 0A416 0A516 0A616 0A716 0A816 0A916 0AA16 0AB16 0AC16 0AD16 0AE16 0AF16 0B016 0B116 0B216 0B316 0B416 0B516 0B616 0B716 0B816 0B916 0BA16 0BB16 0BC16 0BD16 0BE16 0BF16 0C016 0C116 0C216 0C316 0C416 0C516 0C616 0C716 0C816 0C916 0CA16 0CB16 0CC16 0CD16 0CE16 0CF16 0D016 0D116 0D216 0D316 0D416 0D516 0D616 0D716 0D816 0D916 0DA16 0DB16 0DC16 0DD16 0DE16 0DF16 0E016 0E116 0E216 0E316 0E416 0E516 0E616 0E716 0E816 0E916 0EA16 0EB16 0EC16 0ED16 0EE16 0EF16 0F016 0F116 0F216 0F316 0F416 0F516 0F616 0F716 0F816 0F916 0FA16 0FB16 0FC16 0FD16 0FE16 0FF16 10016 10116 10216 10316 10416 10516 10616 10716 10816 10916 10A16 10B16 10C16 10D16 10E16 10F16 11016 11116 11216 11316 11416 11516 11616 11716 11816 11916 11A16 11B16 11C16 11D16 11E16 11F16 Row Line 1 2 3 4 5 6 7 8 9 10 11 12 12 345 678 9 10 11 12 13 14 15 161718 192021 222324 ✽ The hexadecimal numbers in the boxes show the display RAM address. |