| Moteur de recherche de fiches techniques de composants électroniques |
|
STP10NK60Z Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP10NK60Z Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 19 page ![]() September 2006 Rev 9 1/19 19 STB10NK60Z/-1- STP10NK60Z STP10NK60ZFP - STW10NK60Z N-channel 600V - 0.65 Ω - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH™ Power MOSFET General features ■ Extremely high dv/dt capability ■ 100% Avalanche tested ■ Gate charge minimized ■ Very good manufacturing repeability Description The SuperMESH™ series is obtained through an extreme optimization of ST’s well established strip-based PowerMESH™ layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Applications ■ Switching application Internal schematic diagram Type VDSS @TjMax RDS(on) ID Pw STB10NK60Z-1 650V <0.75 Ω 10A 115W STB10NK60Z 650V <0.75 Ω 10A 115W STP10NK60Z 650V <0.75 Ω 10A 115W STP10NK60ZFP 650V <0.75 Ω 10A 35W STW10NK60Z 650V <0.75 Ω 10A 156W 1 3 1 2 3 1 2 3 TO-247 TO-262 TO-263 TO-220FP 1 2 3 TO-220 www.st.com Order codes Part number Marking Package Packaging STB10NK60Z-1 B10NK60Z I²PAK Tube STB10NK60ZT4 B10NK60Z D²PAK Tape & reel STP10NK60ZFP P10NK60ZFP TO-220FP Tube STP10NK60Z P10NK60Z TO-220 Tube STW10NK60Z W10NK60Z TO-247 Tube |
Numéro de pièce similaire - STP10NK60Z |
|
Description similaire - STP10NK60Z |