Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N720A Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce 2N720A
Description  EPITAXIAL PLANAR NPN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N720A Fiches technique(HTML) 3 Page - STMicroelectronics

  2N720A Datasheet HTML 1Page - STMicroelectronics 2N720A Datasheet HTML 2Page - STMicroelectronics 2N720A Datasheet HTML 3Page - STMicroelectronics 2N720A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
5.3
0.208
E4.9
0.193
F
5.8
0.228
G
2.54
0.100
H1.2
0.047
I
1.16
0.045
L45
o
45
o
L
G
I
D
A
H
C
TO-18 MECHANICAL DATA
0016043
2N720A
3/4



Html Pages

1 2 3 4