| Moteur de recherche de fiches techniques de composants électroniques |
|
2N720A Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N720A Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() 2N720A EPITAXIAL PLANAR NPN s HIGH VOLTAGE GENERAL PURPOSE DESCRIPTION The 2N790A is a silicon Planar Epitaxial NPN transistor in Jedec TO-18 metal case. It is suitable for a wide variety of amplifier and switching applications. ® INTERNAL SCHEMATIC DIAGRAM December 2002 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 120 V VCEO Collector-Emitter Voltage (IB = 0) 80 V VEBO Emitter-Base Voltage (IC = 0) 7 V IC Collector Current 500 mA Ptot Total Dissipation at Tamb ≤ 25 oC at TC ≤ 25 oC 0.5 1.8 W W Tstg Storage Temperature -55 to 175 oC Tj Max. Operating Junction Temperature 175 oC TO-18 1/4 |
Numéro de pièce similaire - 2N720A |
|
Description similaire - 2N720A |