| Moteur de recherche de fiches techniques de composants électroniques |
|
2STR2160 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STR2160 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. June 2008 Rev 1 1/9 9 2STR2160 Low voltage fast-switching PNP power transistor Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed ■ Miniature SOT-23 plastic package for surface mounting circuits Applications ■ LED ■ Battery charger ■ Motor and relay driver ■ Voltage regulation Description The device in a PNP transistor manufactured using new “PB-HCD” (power bipolar high current density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. The complementary NPN is the 2STR1160. Figure 1. Internal schematic diagram SOT-23 Table 1. Device summary Order code Marking Package Packing 2STR2160 260 SOT-23 Tape and reel www.st.com |
Numéro de pièce similaire - 2STR2160 |
|
Description similaire - 2STR2160 |